PART |
Description |
Maker |
AD260 AD260BND-5 AD260AND-0 AD260AND-1 AD260AND-2 |
High Speed, Logic Isolator with Power Transformer SPECIALTY INTERFACE CIRCUIT, PQIP22 High Speed/ Logic Isolator with Power Transformer High Speed Logic Isolator with Power Transformer 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission
|
Analog Devices, Inc. AD[Analog Devices]
|
CTSPWF-100 CTSPWF-101 CTSPWF-102 CTSPWF-103 CTSPWF |
POWER TRANSFORMER, 6 VA POWER TRANSFORMER, 12 VA Power Transformers - Low Profile
|
http:// Central Technologies
|
DA2303-AL DA2304-AL DA2303-ALB DA2303-ALD |
SMT Power Transformers Transformer, for ADM2485, 5-6V, SMT, RoHS POWER TRANSFORMER, 34.4 VA
|
Coilcraft lnc. Coilcraft, Inc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
14A-56-20B24 14A-5.0-16B14 14A-30-36B41 14A-2.5-28 |
SPLIT BOBBIN POWER TRANSFORMER, 56 VA Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
PULSE ELECTRONICS CORP Pulse A Technitrol Company
|
Z2603 Z2612 Z2610 Z2613 |
TRANSFORMER 6VA 2X 18V TRANSFORMER 4VA 2X 12V 12V的变压器4VA 2 TRANSFORMER 6VA 2X 24V 24V的变压器6VA TRANSFORMER 6VA 2X 12V 12V的变压器6VA 2
|
Toshiba, Corp. Lattice Semiconductor, Corp.
|
E4007 C4002 A4054 |
POWER TRANSFORMER, 30 VA POWER TRANSFORMER, 330 VA
|
|
LP30-2.5B132 LP34-2.25B61 LP40-1.9B56 LP56-0.9B70 |
SPLIT BOBBIN POWER TRANSFORMER, 75 VA SPLIT BOBBIN POWER TRANSFORMER, 50 VA SPLIT BOBBIN POWER TRANSFORMER, 20 VA SPLIT BOBBIN POWER TRANSFORMER, 135 VA
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
DP-241-8-20 241-6-20 241-8-24 |
SPLIT BOBBIN POWER TRANSFORMER, 100 VA SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
SIGNAL TRANSFORMER CO INC
|
DA2034-AL DA2033-AL DA2032-AL DA2034-ALD DA2032-AL |
Flyback Transformers Transformer, for LT3750, 10A, SMT, RoHS SMPS TRANSFORMER Transformer, for LT3750, 3A, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
LC104 |
General Power Transformer , Pin Type: LC Series General Power Transformer Type: LC Series
|
Sumida Corporation
|